Part Number Hot Search : 
CD2560 PLHS501A R7NZF SC11487 DT54F 2SC40 16244 06BKC
Product Description
Full Text Search
 

To Download MN37214FT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ccd area image sensor 1 MN37214FT 4.5mm (type-1/4) ccd area image sensor n overview the MN37214FT is a 4.5mm (type-1/4) interline transfer ccd (it-ccd) solid state image sensor device. this device uses photodiodes in the optoelectric conver- sion section and ccds for signal read out. the electronic shutter function has made an exposure time of 1/10000 seconds possible. further, this device has the features of high sensitivity, low noise, broad dynamic range, and low smear. this device has a total of 320,589 pixels (537 horizontal 597 vertical) and provides stable and clear images with a resolution of 330 horizontal tv-lines and 420 vertical tv-lines. part number size system color or b/w MN37214FT 4.5mm( type- 1/4) pal color n features high sensitivity low noise broad dynamic range low smear low image lag electronic shutter no image distortion small size enables design of compact equipment high reliability 14-pin plastic package n applications compact lightweight camcorders. cameras for surveil- lance, measurement, and medical use maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
MN37214FT ccd area image sensor 2 pin no. symbol descriptions 10 f v1 vertical shift register clock pulse 1 11 f v2 vertical shift register clock pulse 2 12 f v3 vertical shift register clock pulse 3 13 f v4 vertical shift register clock pulse 4 14 pw p-well pin no. symbol descriptions 1 od output drain 2 f r reset pulse 3 rd reset drain 4 vo video output 5 lg output load transistor gate 6 f h2 horizontal register clock pulse 2 7 f h1 horizontal register clock pulse 1 8 sub substrate 9 pt p-well for protection circuit n pin descriptions n pin assignments 1 2 3 4 5 6 7 (top view) 14 13 12 11 10 9 8 od f r rd vo lg f h2 pw f v4 f v3 f v2 f v1 pt sub f h1 n block diagram (1 dummy + ob1 + 582 + ob1 + 2 dummies) (2 columns ob + 512 columns valid area + 28 columns ob) photo diode 14 3 13 f v4 f v3 f v2 f v1 f r f h2 f h1 sub 12 11 10 8 pt 9 7 6 2 gnd rd 4 vo 14 1 pw od 5 (internal bias)lg (internal connection) output bias vertical shift register horizontal shift register maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
ccd area image sensor MN37214FT 3 n absolute maximum ratings and operating conditions parameter symbol rating operating condition unit min max min typ max reset drain voltage v rd - 0.2 18.0 14.5 15.0 15.5 v output drain voltage v od - 0.2 18.0 14.5 15.0 15.5 v output load transistor v lg supplied internally v gate voltage protection p-well voltage v pt *2 - 10.0 0.2 - 8.3 - 8.0 - 7.7 v p-well v pw reference voltage ?0? v reset y h-l v f r(h-l) ? 18.0 3.0 3.3 3.6 v pulse voltage bias v f r(bias) 6.4 v outer added v horizontal register v f h1(h) ? 18.0 3.0 3.3 3.6 v clock pulse voltage 1 v f h1(l) - 0.2 ? 000 horizontal register v f h2(h) ? 18.0 3.0 3.3 3.6 v clock pulse voltage 2 v f h2(l) - 0.2 ? 000 vertical shift register v f v1(h) *2 ? 18.0 14.5 15.0 15.5 v clock pulse voltage 1 v f v1(m) *2 ??- 0.2 0 0.2 v f v1(l) *2 - 9.0 ?- 8.3 - 8.0 - 7.7 vertical shift register v f v2(m) *2 ? 15.0 - 0.2 0 0.2 v clock pulse voltage 2 v f v2(l) *2 - 9.0 ?- 8.3 - 8.0 - 7.7 vertical shift register v f v3(h) *2 ? 18.0 14.5 15.0 15.5 v clock pulse voltage 3 v f v3(m) *2 ??- 0.2 0 0.2 v f v3(l) *2 - 9.0 ?- 8.3 - 8.0 - 7.7 vertical shift register v f v4(m) *2 ? 15.0 - 0.2 0 0.2 v clock pulse voltage 4 v f v4(l) *2 - 9.0 ?- 8.3 - 8.0 - 7.7 substrate voltage v sub *1 supplied internally v f v sub *3 - 0.2 45.0 24.5 25.0 25.5 operating temperature t opr - 10 70 ? 25 ? c storage temperature t stg - 30 80 ??? c note )1. standard light input defines standard light input is the one when the exposure is done at a lens aperture of f8, using a light source of 2856 k and 1050 nt, and placing a color temperature conversion filter lb-40 (hoya) and an ir cutting filter caw-500 (t = 2.5 mm) in the light path. y 2. *1: v sub internal settings guarantee blooming at 400 times light input of the standard light input. 3. *2: v pt is set so that the following conditions are set for vl of the vertical shift clock. v pt < = vl 4. *3: v sub when using electronic shutter function f v sub (v) f v sub "h" f v sub "l" e v sub (v) maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
MN37214FT ccd area image sensor 4 n graphs of characteristics ccd on-chip filter spectral characteristics n package dimensions (unit  mm) wdip014-p-0400f reference plane 0.015 10.16 0.25 10.00 0.08 9.00 0.10 5.00 0.08 0.25 0.05 3.40 0.15 1.30 0.10 (1.30) (0.80) 10.00 0.08 9.00 0.10 5.00 0.08 8 14 7 (1.19) (0.60) 0.30 0.05 1 valid pixel center 1.27 0.3 m 3.50 0.20 0 10 20 400 500 600 700 800 30 40 50 60 70 80 90 100 relative sensitivity (%) wavelength (nm) ye mg gr cy n optical characteristics color effective s/n saturatio n sensitivity vertical image lag horizontal vertical output f8 smea r resolution resolution part number or pixels y typ typ typ sm typ typ typ b/w h v (db) (mv) (mv) typ( % )( % ) (tv-lines) (tv-lines) MN37214FT color 512 582 58 650 330 0.003 ? 330 420 maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/


▲Up To Search▲   

 
Price & Availability of MN37214FT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X